Part Number Hot Search : 
FJB102 AP01N60H P6SMBJ40 TSPC106 S2731E MBR8100 11400 SRN5519
Product Description
Full Text Search
 

To Download CA3039 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CA3039
November 1996
Diode Array
Description
The CA3039 consists of six ultra-fast, low capacitance diodes on a common monolithic substrate. Integrated circuit construction assures excellent static and dynamic matching of the diodes, making the array extremely useful for a wide variety of applications in communication and switching systems. Five of the diodes are independently accessible, the sixth shares a common terminal with the substrate. For applications such as balanced modulators or ring modulators where capacitive balance is important, the substrate should be returned to a DC potential which is significantly more negative (with respect to the active diodes) than the peak signal applied.
Features
* Six Matched Diodes on a Common Substrate * Excellent Reverse Recovery Time . . . . . . . . . 1ns (Typ) * VF Match . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mV (Max) * Low Capacitance . . . . . . CD = 0.65pF (Typ) at VR = -2V
Applications
* Ultra-Fast Low Capacitance Matched Diodes for Applications in Communications and Switching Systems * Balanced Modulators or Demodulators * Ring Modulators * High Speed Diode Gates * Analog Switches
Ordering Information
PART NUMBER CA3039 CA3039M CA3039M96 TEMP. RANGE (oC) -55 to 125 -55 to 125 -55 to 125 PACKAGE 12 Pin Metal Can 14 Ld SOIC 14 Ld SOIC Tape and Reel PKG. NO. T12.B M14.15 M14.15
Pinouts
CA3039 (SOIC) TOP VIEW CA3039 (METAL CAN) TOP VIEW
1 2 3 4 5 NC 6 7 D3 D2 D1 D4 D5
14 13 SUBSTRATE 12 3 11 10 9 NC 8 4 2
12 1 D5 D4 D3 D2 5 6 D6 D1 DS 8 7 11 10 9
DS D6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
File Number
343.3
7-18
CA3039
Absolute Maximum Ratings
Inverse Voltage (PIV) for: D1 - D5 . . . . . . . . . . . . . . . . . . . . . . . . 5V D6 . . . . . . . . . . . . . . . . . . . . . . . 0.5V Diode-to-Substrate Voltage (VDI) for D1 - D5 . . . . . . . . . . . .20V, -1V (Terminal 1, 4, 5, 8 or 12 to Terminal 10) DC Forward Current (IF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA Recurrent Forward Current (IF) . . . . . . . . . . . . . . . . . . . . . . . 100mA Forward Surge Current (IF(SURGE)). . . . . . . . . . . . . . . . . . . . 100mA
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) JC (oC/W) Metal Can Package . . . . . . . . . . . . . . . 200 120 SOIC Package . . . . . . . . . . . . . . . . . . . 220 N/A Maximum Power Dissipation (Any One Diode) . . . . . . . . . . . 100mW Maximum Junction Temperature (Metal Can Package) . . . . . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER
TA = 25oC; Characteristics apply for each diode unit, Unless Otherwise Specified SYMBOL VF TEST CONDITIONS IF = 50A IF = 1mA IF = 3mA IF = 10mA MIN 5 20 TYP 0.65 0.73 0.76 0.81 7 MAX 0.69 0.78 0.80 0.90 UNITS V V V V V V
DC Forward Voltage Drop (Figure 1)
DC Reverse Breakdown Voltage DC Reverse Breakdown Voltage Between Any Diode Unit and Substrate DC Reverse (Leakage) Current (Figure 2) DC Reverse (Leakage) Current Between Any Diode Unit and Substrate (Figure 3) Magnitude of Diode Offset Voltage (Note 2) (Figure 1) Temperature Coefficient of |VF1 - VF2| (Figure 4)
V(BR)R V(BR)R IR IR V F1 - V F2 V F1 - V F2 --------------------------------T V F ---------T VF tRR RD CD CDI
IR = -10A IR = -10A VR = -4V VR = -10V IF = 1mA IF = 1mA
-
0.016 0.022
100 100
nA nA
-
0.5
5.0
mV V/oC
-
1.0
-
Temperature Coefficient of Forward Drop (Figure 5)
IF = 1mA
-
-1.9
-
mV/oC
DC Forward Voltage Drop for Anode-toSubstrate Diode (DS) Reverse Recovery Time Diode Resistance (Figure 6) Diode Capacitance (Figure 7) Diode-to-Substrate Capacitance (Figure 8) NOTE:
IF = 1mA IF = 10mA, IR = -10mA f = 1kHz, IF = 1mA VR = -2V, IF = 0 VDI = 4V, IF = 0
-
0.65
-
V
25 -
1.0 30 0.65 3.2
45 -
ns pF pF
2. Magnitude of Diode Offset Voltage is the difference in DC Forward Voltage Drops of any two diode units.
7-19
CA3039 Typical Performance Curves
TA = 25oC 0.8 DC FORWARD VOLTAGE (V) 6 DIODE OFFSET VOLTAGE (mV) DC REVERSE CURRENT (nA) 5 4 3 0.6 DIODE OFFSET ( V F1 - V F2 ) 0.5 0.01 2 1 0 1 10 VR = -4V
FORWARD VOLTAGE DROP (VF) 0.7
0.1
0.01
0.1 1 DC FORWARD CURRENT (mA)
10
0.001 -75
-50
-25
0
25
50
75
100
125
TEMPERATURE (oC)
FIGURE 1. DC FORWARD VOLTAGE DROP (ANY DIODE) AND DIODE OFFSET VOLTAGE vs DC FORWARD CURRENT
FIGURE 2. DC REVERSE (LEAKAGE) CURRENT (D1 - D5) vs TEMPERATURE
100
DIODE OFFSET VOLTAGE ( V F1 - V F2 ) (mV)
VR = -10V
4 IF = 10mA 3 2 0.7 0.6 IF = 1mA 0.5 0.4 0.3 -75 IF = 0.1mA
DC REVERSE CURRENT (nA)
10
1
0.1
0.01
0.001 -75
-50
-25
0 25 50 TEMPERATURE (oC)
75
100
125
-50
-25
0 25 50 TEMPERATURE (oC)
75
100
125
FIGURE 3. DC REVERSE (LEAKAGE) CURRENT BETWEEN D1, D2, D3, D4, D5 AND SUBSTRATE vs TEMPERATURE
FIGURE 4. DIODE OFFSET VOLTAGE (ANY DIODE) vs TEMPERATURE
1000
IF = 1mA 0.9 DC FORWARD VOLTAGE (V)
TA = 25oC f = 1kHz
0.8
DIODE RESISTANCE ()
100
0.7
0.6
10
0.5 1 0.01
0.4 -75 -50 -25 0 25 50 75 100 125 TEMPERATURE (oC)
0.1 1 DC FORWARD CURRENT (mA)
10
FIGURE 5. DC FORWARD VOLTAGE DROP (ANY DIODE) vs TEMPERATURE
FIGURE 6. DIODE RESISTANCE (ANY DIODE) vs DC FORWARD CURRENT
7-20
CA3039 Typical Performance Curves
6 DIODE CAPACITANCE (pF) TA = 25oC IF = 0
(Continued)
DIODE TO SUBSTRATE CAPACITANCE (pF)
6 5 4 3 2 1 0 0
5
TA = 25oC IF = 0
4
3
2
1
1
2
3
4
0
1
2
3
4
DC REVERSE VOLTAGE ACROSS DIODE (V)
DC REVERSE VOLTAGE BETWEEN TERMINALS 1, 4, 5, 8, OR 12 AND SUBSTRATE (TERMINAL 10) (V)
FIGURE 7. DIODE CAPACITANCE (D1 - D5) vs REVERSE VOLTAGE
FIGURE 8. DIODE-TO-SUBSTRATE CAPACITANCE vs REVERSE VOLTAGE
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
7-21


▲Up To Search▲   

 
Price & Availability of CA3039

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X